erb84-009 (2a) (90v / 2a ) outline drawings, mm features low v f super high speed switching high reliability by planer design applications high speed switching maximum ratings and characteristics absolute maximum ratings item repetitive peak reverse voltage average forward current surge current operating junction temperature storage temperature symbol v rrm i f(av) i fsm t j t stg conditions sine wave 10ms 60 -40 to +150 -40 to +150 unit v a a c c electrical characteristics (ta=25c unless otherwise specified ) item forward voltage drop reverse current symbol v fm i rrm conditions i fm =2.0a v r =v rrm max. 0.9 2.0 unit v ma square wave, duty=1/2 ta=25c rating 90 2.0* schottky barrier diode marking voltage class lot no. cathode mark color code : blue b84 009 02 abridged type name 7.5 25 min. 25 min. ?4.0 ?0.8 * with cooling cu fin both lead (1t x 20 x 20mm)
erb84-009 (2a) (90v / 2a ) characteristics 0.1 1 10 100 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 tj=150c tj=125c tj=100c tj=25c forward characteristic (typ.) if forward current (a) vf forward voltage (v) 0 102030405060708090100110 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 tj=150c tj=125 c tj=100 c reverse characteristic (typ.) tj= 25c ir reverse current (ma) vr reverse voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 square wave =60c square wave =120c sine wave =180c square wave =180c per 1element dc forward power dissipation wf forward power dissipation (w) io average forward current (a) 360 io 0 102030405060708090100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 reverse power dissipation =180c dc pr reverse power dissipation (w) vr reverse voltage (v) 360 vr 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 l=5mm cu area:1tx20x20mm sine wave =180c square wave =180c square wave =120c square wave =60c dc current derating (io-ta) ta ambient temperature (c) io average output current (a) vr=50v 360 io 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 l=10mm land an area:5x5mm sine wave =180c square wave =180c square wave =120c square wave =60c dc current derating (io-ta) ta ambient temperature (c) io average output current (a) vr=50v 360 io
erb84-009 (2a) (90v / 2a ) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 l=10mm land an area:10x10mm sine wave =180c square wave =180c square wave =120c square wave =60c dc current derating (io-ta) ta ambient temperature (c) io average output current (a) vr=50v 360 io 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 60 70 80 90 100 110 120 130 140 150 160 sine wave =180c square wave =60c square wave =120c square wave =180c vr=50v dc current derating (io-tl) tl lead temperature (c) io average output current (a) 1 10 100 10 100 1000 junction capacitance characteristic (typ.) cj junction capacitance (pf) vr reverse voltage (v) 1 10 100 1 10 100 1000 surge capability i fsm peak half - wave current (a) number of cycles at 50hz 10 -2 10 -1 10 0 10 1 10 2 10 3 10 -1 10 0 10 1 10 2 transient thermal impedance transient thermal impedance (c/w) t time (sec.)
|